PART |
Description |
Maker |
2203137 |
Item is from the HCS product range
|
PHOENIX CONTACT
|
BCR4CM-16LH |
Triac Medium Power Use IFGTI, IRGTI, IRGT III : 35 mA or 10mA(IGT item:1)
|
Renesas Electronics Corporation
|
MBM29DL400BC-12 MBM29DL400BC-70 MBM29DL400BC-55 MB |
CONNECTOR, PROPRIETARY ITEM. RoHS Compliant: Yes High speed CAN transceiver 4M (512K X 8/256K X 16) BIT
|
Fujitsu Limited http:// Fujitsu Component Limited. Fujitsu Component Limit...
|
C16052 |
Variant with longer distance between location pins allowing high voltage circuit
|
Ledil, Inc.
|
0805CS-561XKBC 0805CS-471XKBC 0805CS-150XKBB 0805C |
OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 0.56 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 0.47 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 0.015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 0.047 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
1812LS-333XKBC 1812LS-104XKBC 1812LS-104XKBB |
OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
S1P2655A03 S1P2655A05 S1P2655A01 S1P2655A02 S1P265 |
Linear integrated circuit. Input level TTL, CMOS 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR SOP-16 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR DIP-16 LT Series Water Resistant Linear Position Transducer, 76,2 mm [3.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000203 Level Meter Linear integrated circuit. Input level DTL, TTL, PMOS, CMOS
|
ITT, Corp. TE Connectivity, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
1008PS-103MC 1008PS-103MB 1008PS-472MB 1008PS-683M |
OBSOLETE when inventory is depleted. 20% tolerance no l 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 20% tolerance no longer offered. Change 'M' to 'K' for 10% tolerance. 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 20% tolerance no longer offered. Change 'M' to 'K' for 10% tolerance. 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 20% tolerance no l 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 20% tolerance no longer offered. Change 'M' to 'K' for 10% tolerance. 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
OC-260-DJF-207CA-20 OC-260-DJF-207BA-20 OC-260-DJF |
OCXO, SINE OUTPUT, 16.384 MHz OCXO, SINE OUTPUT, 13 MHz OCXO, SINE OUTPUT, 20.48 MHz OCXO, SINE OUTPUT, 12.8 MHz Oven Controlled Crystal Oscillators (OCXOs) AB/HP Series Flush Mount Pressure Sensor, Unamplified, Sealed Gage, 0 psi to 2,000 psi, Item Number 9222505 恒温晶体振荡器(OCXO的) PT 55C 55#20 SKT PLUG 恒温晶体振荡器(OCXO的) Oven Controlled Crystal Oscillators (OCXO’s) 恒温晶体振荡器(OCXO的) OCXO, CLOCK, 19.44 MHz, HCMOS OUTPUT OCXO, CLOCK, 5 MHz, HCMOS OUTPUT OCXO, CLOCK, 16.384 MHz, HCMOS OUTPUT OCXO, CLOCK, 20.48 MHz, HCMOS OUTPUT OCXO, CLOCK, 13 MHz, HCMOS OUTPUT Oven Controlled Crystal Oscillators (OCXO??) OCXO, CLOCK, 10 MHz, HCMOS OUTPUT OCXO, CLOCK, 20 MHz, HCMOS OUTPUT OCXO, CLOCK, 1 MHz - 80 MHz, HCMOS OUTPUT OCXO, CLOCK, 12.8 MHz, HCMOS OUTPUT
|
List of Unclassifed Manufacturers ETC[ETC] Vectron International, Inc Advanced Analogic Technologies Electronic Theatre Controls, Inc.
|
|